OCO-M36AS through hole ocxo sine wave features ? applications: cdma, 3g, net working, instrumentation ? high frequency stability vs. te mperature (up to 1 x 10 -10 ) ? wide operating temperature range: -40 up to +85 c ? low aging specification parameter OCO-M36AS5 OCO-M36AS12 frequency range 8.1920 ~ 20.0000 mhz standard frequencies 10.00, 12.80, 13.00, 16.384 & 20.00 mhz ? 1.0 x 10 -9 over -40 ~ +85 c ? 7.5 x 10 -10 over -20 ~ +70 c frequency stability vs. operating temperature range ? 5.0 x 10 -10 over -10 ~ +60 c vs. supply voltage change ? 5 x 10 -10 5 % vs. load change ? 5 x 10 -10 5 % vs. aging after 30 days of operation ? 3 x 10 -8 1 st year short term stability < 5 x 10 -12 allan deviation per 1 s output waveform sine wave > 300 mv (rms) sine wave > 9 dbm output load 50 ? 5 % supply voltage +5.0 v ? 5 % +12 v ? 5 % steady state current consumpti on @ +25 c < 400 ma < 150 ma warm-up time < 3 min < ? 2 x 10 -8 @ +25 c frequency pulling range > 4 x 10 -7 positive slope vcontrol (vc) via external voltage 0 ~ +4.5 v 0 ~ +5.0 v reference voltage output (vref) +4.5 v +5.0 v phase noise @ 10 mhz carrier frequency & vdc = 12 v < -125 dbc/hz @ 10 hz < -145 dbc/hz @ 100 hz < -150 dbc/hz @ 1 khz < -155 dbc/hz @ 10 khz harmonics suppression > -30 dbc operating tem perature range -10 ~ +60 c, -20 ~ +70 c, -40 ~ +70 c or -40 ~ +85 c storage temperature range -55 ~ +85 c case height (h) 10.0, 12.7 or 16.0 mm environmental test vibration acceleration: 5 g; 10 hz up to 200 hz and down to 10 hz; all 3 axes, 4.5 h/axis shock 75 g, half-sine, 3 ms (3 shocks each, 6 directions) pin function 1 # vc 2 # vref 3 # vdc 4 # rf output 5 # gnd circuit diagram c bp = 0.01 mf zout = 50 ? 2002/95/ec rohs compliant 12 may. 10 quartzcom ag quartzcom asia quartzcom usa sales@quartzcom.com sale s-asia@quartzcom.com sa les-usa@quartzcom.com www.quartzcom.com
|